Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01FBN6TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24C01FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01FBN6TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24C01FBN6TP Datasheet HTML 14Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 15Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 20Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 21Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Initial delivery state
M24C16, M24C08, M24C04, M24C02, M24C01
18/34
4
Initial delivery state
The device is delivered with all bits in the memory array set to 1 (each byte contains FFh).
5
Maximum rating
Stressing the device outside the ratings listed in Table 5 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the Operating sections of this specification, is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
1.
Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
°C
PDIP-specific lead temperature during soldering
260(2)
2.
TLEAD max must not be applied for more than 10s.
°C
VIO
Input or output range
–0.50
6.5
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic discharge voltage (human body model)(3)
3.
AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω).
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com