Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01FBN6TP Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C01FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01FBN6TP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C01FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 20Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 21Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 22Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 23Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 24Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 25Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 26Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
DC and AC parameters
23/34
Table 16.
AC characteristics (M24Cxx-R and M24Cxx-F)
Test conditions specified in Table 7 and Table 11
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
ns
tCLCH
tLOW
Clock pulse width low
1300
ns
tDL1DL2
(1)
1.
Sampled only, not 100% tested.
tF
SDA fall time
20
300
ns
tDXCX
tSU:DAT Data in setup time
100
ns
tCLDX
tHD:DAT Data in hold time
0
ns
tCLQX
tDH
Data out hold time
200
ns
tCLQV
(2)
2.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
tAA
Clock low to next data valid (access time)
200
900
ns
tCHDX
(3)
3.
For a reStart condition, or following a Write cycle.
tSU:STA Start condition setup time
600
ns
tDLCL
tHD:STA Start condition hold time
600
ns
tCHDH
tSU:STO Stop condition setup time
600
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
1300
ns
tW
tWR
Write time
5(4)
4.
tW(max) = 5 ms (instead of 10 ms) is offered from Week 41 2007. These devices can be identified with the
process letter printed on the package:
M24C01: process letter is either S or G
M24C02: process letter is either S or G
M24C04: process letter is Q
M24C08: process letter is Q
M24C016: process letter is either $ or Q
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com