Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01FBN6TP Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24C01FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01FBN6TP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24C01FBN6TP Datasheet HTML 15Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 20Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 21Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 22Page - STMicroelectronics M24C01FBN6TP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
DC and AC parameters
19/34
6
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Table 6.
Operating conditions (M24Cxx-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Ambient operating temperature (device grade 3)
–40
125
°C
Table 7.
Operating conditions (M24Cxx-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 8.
Operating conditions (M24Cxx-F)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.7
5.5
V
TA
Ambient operating temperature
–20
85
°C
Table 9.
DC characteristics (M24Cxx-W, device grade 6)
Symbol
Parameter
Test condition
(in addition to those in Table 6)
Min.
Max.
Unit
ILI
Input leakage current (SCL,
SDA, E0, E1,and E2)
VIN = VSS or VCC, device in
Standby mode
± 2
µA
ILO
Output leakage current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply current
VCC = 5 V, fc = 400 kHz
(rise/fall time < 50 ns)
2mA
VCC = 2.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
1mA
ICC1
Standby supply current
VIN = VSS or VCC,
for 2.5 V < VCC = < 5.5 V
1µA
VIL
Input low voltage (SDA,
SCL, WC)
–0.45
0.3VCC
V
VIH
Input high voltage (SDA,
SCL, WC)
0.7VCC VCC+1
V
VOL
Output low voltage
IOL = 2.1 mA when VCC = 2.5 V or
IOL = 3 mA when VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com