Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5973AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A5973AD Datasheet HTML 7Page - STMicroelectronics A5973AD Datasheet HTML 8Page - STMicroelectronics A5973AD Datasheet HTML 9Page - STMicroelectronics A5973AD Datasheet HTML 10Page - STMicroelectronics A5973AD Datasheet HTML 11Page - STMicroelectronics A5973AD Datasheet HTML 12Page - STMicroelectronics A5973AD Datasheet HTML 13Page - STMicroelectronics A5973AD Datasheet HTML 14Page - STMicroelectronics A5973AD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
A5973AD
Functional description
11/19
4.5
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (1.235 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage. The output (COMP) is connected to the external compensation
network.
The uncompensated error amplifier has the following characteristics:
The error amplifier output is compared with the oscillator sawtooth to perform PWM control.
4.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals
generating the PWM signal for the driving stage. The power stage is a very critical block
cause it has to guarantee a correct turn on and turn OFF of the PDMOS. The turn ON of the
power element, or better, the rise time of the current at turn on, is a very critical parameter to
compromise.
At a first approach, it looks like the faster it is the rise time, the lower are the turn on losses.
But there is a limit introduced by the recovery time of the recirculation diode. In fact when the
current of the power element equals the inductor current, the diode turns off and the drain of
the power is free to go high. But during its recovery time, the diode can be considered as an
high value capacitor and this produces a very high peak current, responsible of many
problems:
●
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitics.
●
Turn ON overcurrent causing a decrease of the efficiency and system reliability.
●
Big EMI problems.
●
Shorter freewheeling diode life.
The fall time of the current during the turn off is also critical. In fact it produces voltage
spikes (due to the parasitics elements of the board) that increase the voltage drop across
the PDMOS.
In order to minimize all these problems, a new topology of driving circuit has been used and
its block diagram is shown in Figure 7 on page 12.
The basic idea is to change the current levels used to turn on and off the power switch,
according with the PDMOS status and with the gate clamp status.
This circuitry allow to turn off and on quickly the power switch and to manage the above
question related to the freewheeling diode recovery time problem.
Table 5.
Uncompensated error amplifier
Tranconductance
2300
μS
Low frequency gain
65 dB
Minimum sink/source voltage
1500
μA/300 μA
Output voltage swing
0.4 V/3.65 V
Input bias current
2.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com