Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5973AD Datasheet(PDF) 12 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A5973AD Datasheet HTML 8Page - STMicroelectronics A5973AD Datasheet HTML 9Page - STMicroelectronics A5973AD Datasheet HTML 10Page - STMicroelectronics A5973AD Datasheet HTML 11Page - STMicroelectronics A5973AD Datasheet HTML 12Page - STMicroelectronics A5973AD Datasheet HTML 13Page - STMicroelectronics A5973AD Datasheet HTML 14Page - STMicroelectronics A5973AD Datasheet HTML 15Page - STMicroelectronics A5973AD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
A5973AD
Functional description
12/19
The gate clamp is necessary to avoid that Vgs of the internal switch goes higher than
Vgsmax. The ON/OFF control block avoids any cross conduction between the supply line
and ground.
Figure 7.
Driving circuitry
4.7
Inhibit function
The inhibit feature allows to put in stand-by mode the device. With INH pin higher than 2.2 V
the device is disabled and the power consumption is reduced to less than 100
μA. With INH
pin lower than 0.8 V, the device is enabled. If the INH pin is left floating, an internal pull up
ensures that the voltage at the pin reaches the inhibit threshold and the device is disabled.
The pin is also Vcc compatible.
4.8
Thermal shutdown
The shutdown block generates a signal that turns off the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150 °C). The sensing element of the
chip is very close to the PDMOS area, so ensuring an accurate and fast temperature
detection. An hysteresis of approximately 20 °C avoids that the devices turns on and off
continuously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com