Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5973AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A5973AD Datasheet HTML 11Page - STMicroelectronics A5973AD Datasheet HTML 12Page - STMicroelectronics A5973AD Datasheet HTML 13Page - STMicroelectronics A5973AD Datasheet HTML 14Page - STMicroelectronics A5973AD Datasheet HTML 15Page - STMicroelectronics A5973AD Datasheet HTML 16Page - STMicroelectronics A5973AD Datasheet HTML 17Page - STMicroelectronics A5973AD Datasheet HTML 18Page - STMicroelectronics A5973AD Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
A5973AD
Package mechanical data
15/19
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com