Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95160-R
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-R Datasheet(HTML) 1 Page - STMicroelectronics

  M95160-R Datasheet HTML 1Page - STMicroelectronics M95160-R Datasheet HTML 2Page - STMicroelectronics M95160-R Datasheet HTML 3Page - STMicroelectronics M95160-R Datasheet HTML 4Page - STMicroelectronics M95160-R Datasheet HTML 5Page - STMicroelectronics M95160-R Datasheet HTML 6Page - STMicroelectronics M95160-R Datasheet HTML 7Page - STMicroelectronics M95160-R Datasheet HTML 8Page - STMicroelectronics M95160-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
March 2008
Rev 7
1/45
1
M95160
M95080
16 Kbit and 8 Kbit serial SPI bus EEPROM
with high speed clock
Features
Compatible with SPI bus serial interface
(positive clock SPI modes)
Single supply voltage:
– 4.5 V to 5.5 V for M95xxx
– 2.5 V to 5.5 V for M95xxx-W
– 1.8 V to 5.5 V for M95xxx-R
High speed: 10 MHz
Status Register
Hardware protection of the Status Register
Byte and page write (up to 32 bytes)
Self-timed programming cycle
Adjustable size read-only EEPROM area
Enhanced ESD protection
More than 1 million write cycles
More than 40-year data retention
Packages
– ECOPACK® (RoHS compliant)
Table 1.
Device summary
Reference
Part number
M95160
M95160
M95160-W
M95160-R
M95080
M95080
M95080-W
M95080-R
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2 x 3 mm (MLP)
www.st.com


Similar Part No. - M95160-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160-R STMICROELECTRONICS-M95160-R Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95160-R STMICROELECTRONICS-M95160-R Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95160-R STMICROELECTRONICS-M95160-R Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95160-R STMICROELECTRONICS-M95160-R Datasheet
739Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
11-Mar-2014
M95160-RBN1T STMICROELECTRONICS-M95160-RBN1T Datasheet
164Kb / 19P
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
More results

Similar Description - M95160-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95160 STMICROELECTRONICS-M95160_12 Datasheet
381Kb / 45P
16-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95160 STMICROELECTRONICS-M95160_13 Datasheet
633Kb / 46P
16-Kbit serial SPI bus EEPROM with high-speed clock
08-Jan-2013
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95160-WDW6TP STMICROELECTRONICS-M95160-WDW6TP Datasheet
739Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
11-Mar-2014
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com