Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237EB Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3237EB
Description  ± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237EB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3237EB_07 Datasheet HTML 3Page - STMicroelectronics ST3237EB_07 Datasheet HTML 4Page - STMicroelectronics ST3237EB_07 Datasheet HTML 5Page - STMicroelectronics ST3237EB_07 Datasheet HTML 6Page - STMicroelectronics ST3237EB_07 Datasheet HTML 7Page - STMicroelectronics ST3237EB_07 Datasheet HTML 8Page - STMicroelectronics ST3237EB_07 Datasheet HTML 9Page - STMicroelectronics ST3237EB_07 Datasheet HTML 10Page - STMicroelectronics ST3237EB_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST3237EB
Electrical characteristics
7/18
Note:
Transmitter skew is measured at the transmitter zero cross points
Table 8.
Receiver (C1 - C4 = 0.1 µF tested at 3.3 V ±10 %, VCC = 3 V to 5.5 V, TA = -40 to 85 °C,
unless otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOL
Output leakage current
Receiver disabled, EN = VCC
± 0.05
± 10
µA
VOL
Output voltage low
IOUT = 1mA
0.4
V
VOH
Output voltage high
IOUT = -1mA
VCC-0.6
VCC-0.1
V
VRIN
Receiver input voltage
operating range
-25
25
V
VRIL
RS-232 input threshold
low
TA = 25°C, VCC = 3.3V
0.6
1.1
V
TA = 25°C, VCC = 5V
0.8
1.5
VRIH
RS-232 input threshold
high
TA = 25°C, VCC = 3.3V
1.5
2.4
V
TA = 25°C, VCC = 5V
1.2
2.4
VRIHYS
Input hysteresis
0.3
V
RRIN
Input resistance
TA = 25°C
3
5
7
K
Ω
Table 9.
Timing characteristics (C1 - C4 = 0.1 µF tested at 3.3 V ±10 %, VCC = 3 V to 5.5 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3KΩ, CL= 1000pF
one transmitter switching, VHSCI=GND
250
Kbps
RL = 3KΩ, CL= 250pF
one transmitter switching, VHSCI=VCC
VCC= 3 to 4.5V
1000
Kbps
RL = 3KΩ, CL= 1000pF
one transmitter switching, VHSCI=VCC
VCC= 4.5 to 5.5V
1000
Kbps
tPHLR
tPLHR
Propagation delay input to
output
RIN to ROUT, CL = 150pF
0.15
µs
tPHLR
tPLHR
Propagation delay input to
output
RL = 3kΩ, CL = 1000pF,
VHSCI=VCC
VHSCI=GND
400
1000
ns
ns
tT_SKEW Transmitter skew
|tPHL - tTLH|, VHSCI=GND
300
ns
|tPHL - tTLH|, VHSCI=VCC
50
ns
tR_SKEW Receiver skew
|tPHL - tTLH|
100
ns
tOER
Receiver output enable time Normal operation
50
ns
tODR
Receiver output disable time Normal operation
120
ns
SRT
Transition slew rate
TA = 25°C RL = 3 to 7KΩ, VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF, VHSCI=GND
CL = 150pF to 1000pF, VHSCI=VCC
CL = 150pF to 2500pF, VHSCI=GND
6
24
4
30
150
30
V/µs
V/µs
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com