Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237EB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3237EB
Description  ± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237EB Datasheet(HTML) 1 Page - STMicroelectronics

  ST3237EB_07 Datasheet HTML 1Page - STMicroelectronics ST3237EB_07 Datasheet HTML 2Page - STMicroelectronics ST3237EB_07 Datasheet HTML 3Page - STMicroelectronics ST3237EB_07 Datasheet HTML 4Page - STMicroelectronics ST3237EB_07 Datasheet HTML 5Page - STMicroelectronics ST3237EB_07 Datasheet HTML 6Page - STMicroelectronics ST3237EB_07 Datasheet HTML 7Page - STMicroelectronics ST3237EB_07 Datasheet HTML 8Page - STMicroelectronics ST3237EB_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2007
Rev 7
1/18
18
ST3237EB
± 15 kV ESD protected, 1 µA, 3 to 5.5 V, 250 kbps
RS-232 transceiver with stand-by
Features
ESD protection for RS-232 I/O pins
– ±15 kV human body model
– ±8 kV IEC 1000-4-2 contacts discharge
1 µA low power shutdown with receivers active
Guaranteed data rate
– 250 kbps (normal operation)
– 1 Mbps (very high speed operation)
Guaranteed slew rate range
– 6 V/µs (normal operation)
– 24 V/µs (very high speed operation)
0.1 µF external capacitors
Flow-through pinout
Low supply current 300 µA
Available in SSOP28 and SO-28
Description
The ST3237E is a 3 V to 5.5 V powered EIA/TIA-
232 and V.28/V.24 communication interfaces high
data-rate capability and enhanced electrostatic
discharge (ESD) protection at ±8 kV using
IEC1000-4-2 contact discharge and ±15 kV using
Human Body Model (HBM). The other pins are
protected with standard ESD protection at ±2 kV
using HBM method. The ST3237C is a
transceiver (5 drivers, 3 receivers) for fast modem
applications.
The device has a proprietary low-dropout
transmitter output stage providing true RS-232
performance from a 3 V to 5.5 V supply using a
dual charge pump. The device is guaranteed to
run at data rates of 250 kbps in the normal
operation mode and 1 Mbps in the very high
speed operation mode while maintaining RS-232
output levels.
SSOP
SOP
Table 1.
Device summary
Order code
Temperature
range
Package
Packaging
ST3237EBDR
-40 to 85 °C
SO-28 (tape and reel)
1000 parts per reel
ST3237EBPR
-40 to 85°C
SSOP28 (tape and reel)
1350 parts per reel
www.st.com


Similar Part No. - ST3237EB_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237EBD STMICROELECTRONICS-ST3237EBD Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
More results

Similar Description - ST3237EB_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3232EB STMICROELECTRONICS-ST3232EB_08 Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
13-Nov-2007
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
28-Sep-2010
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com