Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237EB Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3237EB
Description  ± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237EB Datasheet(HTML) 4 Page - STMicroelectronics

  ST3237EB_07 Datasheet HTML 1Page - STMicroelectronics ST3237EB_07 Datasheet HTML 2Page - STMicroelectronics ST3237EB_07 Datasheet HTML 3Page - STMicroelectronics ST3237EB_07 Datasheet HTML 4Page - STMicroelectronics ST3237EB_07 Datasheet HTML 5Page - STMicroelectronics ST3237EB_07 Datasheet HTML 6Page - STMicroelectronics ST3237EB_07 Datasheet HTML 7Page - STMicroelectronics ST3237EB_07 Datasheet HTML 8Page - STMicroelectronics ST3237EB_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
ST3237EB
4/18
19
T4IN
Fourth transmitter input voltage
20
R2OUT
Second receiver output voltage
21
R1OUT
First receiver output voltage
22
T3IN
Third transmitter input voltage
23
T2IN
Second transmitter input voltage
24
T1N
First transmitter input voltage
25
C1-
Negative terminal of voltage- charge pump capacitor
26
VCC
Supply voltage
27
V+
-5.5V generated by the charge pump
28
C1+
Positive terminal of voltage- charge pump capacitor
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com