Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33290 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33290
Description  ISO K Line Serial Link Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33290 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33290 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33290
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33290 Pin Connections
Table 1. 33290 Pin Definitions
Pin Number
Pin Name
Definition
1
VBB
Battery power through external resistor and diode.
2
NC
Not to be connected. (1)
3
GND
Common signal and power return.
4
ISO
Bus connection.
5
TX
Logic level input for data to be transmitted on the bus.
6
RX
Logic output of data received on the bus.
7
VDD
Logic power source input.
8
CEN
Chip enable. Logic “1” for active state. Logic “0” for sleep state.
Notes
1.
NC pins should not have any connections made to them. NC pins are not guaranteed to be open circuits.
2
3
4
8
7
6
5
11
2
4
3
8
7
5
6
CEN
VDD
TX
VBB
NC
GND
ISO
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com