Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33290 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33290
Description  ISO K Line Serial Link Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33290 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33290 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MC33290
Rev 8.0, 8/2008
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006-2008. All rights reserved.
ISO K Line Serial Link Interface
The 33290 is a serial link bus interface device designed to provide
bi-directional half-duplex communication interfacing in automotive
diagnostic applications. It is designed to interface between the
vehicle’s on-board microcontroller and systems off-board the vehicle
via the special ISO K line. The 33290 is designed to meet the
Diagnostic Systems ISO9141 specification. The device’s K line bus
driver’s output is fully protected against bus shorts and
overtemperature conditions.
The 33290 derives its robustness to temperature and voltage
extremes by being built on a SMARTMOS process, incorporating
CMOS logic, bipolar/MOS analog circuitry, and DMOS power FETs.
Although the 33290 was principally designed for automotive
applications, it is suited for other serial communication applications.
It is parametrically specified over an ambient temperature range of
-40ºC
≤ TA ≤ 125ºC and 8.0 V ≤ VBB ≤ 18 V supply. The economical
SO-8 surface-mount plastic package makes the 33290 very cost
effective.
Features
• Operates Over Wide Supply Voltage of 8.0 to 18V
• Operating Temperature of -40 to 125
°C
• Interfaces Directly to Standard CMOS Microprocessors
• ISO K Line Pin Protected Against Shorts to Ground
• Thermal Shutdown with Hysteresis
• ISO K Line Pin Capable of High Currents
• ISO K Line Can Be Driven with up to 10 nF of Parasitic
Capacitance
• 8.0 kV ESD Protection Attainable with Few Additional Components
• Standby Mode: No VBat Current Drain with VDD at 5.0 V
• Low Current Drain During Operation with VDD at 5.0 V
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 33290 Simplified Application Diagram
ISO9141 PHYSICAL INTERFACE
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8-PIN SOICN
33290
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33290D/R2
-40 to 125°C
8-SOICN
MCZ33290EF/R2
VDD
Dx
SCIRxD
SCITxD
VDD
33290
+VBAT
ISO K-Line
RxD
TxD
MCU
RX
TX
CEN
VDD VBB
GND
ISO


Similar Part No. - 33290

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
1/4 Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
159Kb / 2P
3329 - 1/4 ??Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
logo
List of Unclassifed Man...
3329 ETC-3329 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results

Similar Description - 33290

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
ISO K Line Serial Link Interface
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
VAN Data Link Controller with Serial Interface
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
VAN Data Link Controller with Serial Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
ISO K Line Serial Link Interface
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
logo
NXP Semiconductors
MC33660 NXP-MC33660 Datasheet
418Kb / 13P
ISO K line serial link interface
Rev 6.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com