Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33290 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33290
Description  ISO K Line Serial Link Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33290 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33290 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33290
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics (Continued)
Characteristics noted under conditions of 4.75 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VBB ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
ISO I/O
Input Low Voltage Threshold
RISO = 0 Ω, TX = 0.8 VDD (15)
VIL(ISO)
–
–
0.4 x VBB
V
Input High Voltage Threshold
RISO = 0 Ω, TX = 0.8 VDD (16)
VIH(ISO)
0.7 x VBB
–
–
V
Input Hysteresis (17)
VHys(ISO)
0.05 x VBB
–
0.1 x VBB
V
Internal Pull-Up Current
RISO = ∞ Ω, TX = 0.8 VDD, VISO = 9.0 V, VBB = 18 V
IPU(ISO)
-5.0
–
-140
µA
Short Circuit Current Limit (18)
RISO = 0 Ω, TX = 0.4 VDD, VISO = VBB
ISC(ISO)
50
–
1000
mA
Output Low Voltage
RISO = 510 Ω, TX = 0.2 VDD
VOL(ISO)
–
–
0.1 x VBB
V
Output High Voltage
RISO = ∞ Ω, TX = 0.8 VDD
VOH(ISO)
0.95 x VBB
–
–
V
Notes
15.
ISO ramped from 0.8 VBB to 0.4 VBB, Monitor RX, Value of ISO voltage at which RX transitions to 0.3 VDD.
16.
ISO ramped from 0.4 VBB to 0.8 VBB, Monitor RX, Value of ISO voltage at which RX transitions to 0.7 VDD.
17.
Input Hysteresis, VHys(ISO) = VIH(ISO) - VIL(ISO).
18.
ISO has internal current limiting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com