Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM108
Description  VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics TSM108 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSM108
7/13
5. Gate Drive
The Gate Drive stage is directly commanded from
the PWM output signal. The Gate Drive stage is a
totem pole Mosfet stage which bears different On
resistances in order to ensure a slower turn ON
than turn OFF of the P-Channel MOSFET. The
values of the output Gate Drive currents are given
by Isink (switch ON) and Isource (switch OFF).
The Gate Drive stage bears an integrated voltage
clamp which will prevent the P-Channel MOSFET
gate to be driven with voltages higher than 15V
(acting like a zener diode between Vcc and GD
(Gate Drive) pin.
6. Under Voltage Lock-Out, Over Voltage
Lock-Out
The UVLO and OVLO security functions aim at the
global application security.
When the Power supply decreases, there is the in-
herent risk to drive the P-Channel MOSFET with
insufficient Gate voltage, and therefore to lead the
MOSFET to linear operation, and to its destruc-
tion.
The UVLO is an input power supply voltage detec-
tion which imposes a complete switch OFF of the
P-Channel MOSFET as soon as the Power Sup-
ply decreases below UV. To avoid unwanted oscil-
lation of the MOSFET, a fixed hysteresis margin is
integrated (UVhyst).
UVLO is internally programmed to ensure 8V min
and 9V max, but thresholds can be adjusted by
adding an external voltage divider to modify the
value. The resistors typical values are given (Ru-
vh, Ruvl).
The OVLO is fixing the supply voltage at which the
device (and the external power section) is
switched OFF.
OVLO is internally programmed to ensure 32V
min. and 33V max., but it can be adjusted with an
external voltage divider.
Examples:
Let's suppose that the internally set value of the
UVLO and / or OVLO level should be modified in a
specific application, or under specific require-
ments.
6.1. UVLO decrease:
If the UVLO level needs to be lowered (UV1), an
additional resistor (Ruvh1) must be connected be-
tween UV and Vcc following the equation:
UV = Vref (Ruvh/Ruvl +1)
UV1 = Vref ((Ruvh//Ruvh1)/Ruvl +1)
(i)
where Ruvh//Ruvh1 means that Ruvh1 is in paral-
lel to Ruvh
Solving i. we obtain:
Ruvh1 = Ruvl x Ruvh (UV1 - Vref) / (Vref x
Ruvh - Ruvl (UV1 - Vref))
As an example, if UV1 needs to be set to 6V,
Ruvh1 = 256k
6.2. UVLO increase:
If the UVLO level needs to be increased (UV2), an
additional resistor (Ruvl2) must be connected be-
tween UV and Gnd following the equation.
UV = Vref (Ruvh/Ruvl +1)
UV1 = Vref (Ruvh/(Ruvl//Ruvl2) +1)
(ii)
where Ruvl//Ruvl2 means that Ruvl2 is in parallel
to Ruvl
Solving ii. we obtain:
Ruvl2 = Vref x Ruvh Ruvl / (UV2 x Ruvl -
Vref x (Ruvh + Ruvl))
As an example, if UV2 needs to be set to 12V,
Ruvl2 = 132k
6.3. OVLO decrease:
If the OVLO level needs to be lowered (OV1), an
additional resistor (Rovh1) must be connected be-
tween OV and Vcc following the equation:
OV = Vref (Rovh/Rovl +1)
OV1 = Vref ((Rovh//Rovh1)/Rovl +1)
(iii)
where Rovh//Rovh1 means that Rovh1 is in paral-
lel to Rovh
Solving iii. we obtain:
Rovh1 = Rovl x Rovh (OV1 - Vref) / (Vref x
Rovh - Rovl (OV1 - Vref))
As an example, if OV1 needs to be set to 25V,
Rovh1 = 867k
6.4. OVLO increase:
If the OVLO level needs to be increased (OV2), an
additional resistor (Rovl2) must be connected be-
tween OV and Gnd following the equation.
OV = Vref (Rovh/Rovl +1)
OV2 = Vref (Rovh/(Rovl//Rovl2) +1)
(iv)
where Rovl//Rovl2 means that Rovl2 is in parallel
to Rovl
Solving iv. we obtain:
Rovl2 = Vref x Rovh Rovl / (OV2 x Rovl -
Vref x (Rovh + Rovl))
As an example, if OV2 needs to be set to 40V,
Rovl2 = 87k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com