Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM108
Description  VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM108 Datasheet HTML 1Page - STMicroelectronics TSM108 Datasheet HTML 2Page - STMicroelectronics TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSM108
2/13
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Name
Pin
Description
VCC
1
Supply voltage of both the signal part and the gate drive
!STBY
2
Standby Command; when Low, the device goes in standby
GND
3
Ground. Current return for both the gate drive and quiescent currents
UV
4
Programmable Under Voltage Lockout. Preset value is 8V min
OV
5
Programmable Over Voltage Lockout. Preset value is 33V max
G
6
Internally Connected to Ground
OSC
7
Oscillator pin to set operating frequency via external capacitor
VCOMP
8
Error amplifier output of voltage loop
ICOMP
9
Error amplifier output of current loop
VREF
10
2,52V Voltage Reference
VCTRL
11
Error amplifier of voltage loop, non inverting
ICTRL
12
Error amplifier of current loop inverting input
VS
13
Current sense Input
GD
14
Totem pole gate driver for external P-channel MOSFET
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - Transient conditions (400ms max.)
60
V
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (SO package)
130
°C/W
Tstg
Storage Temperature
-55 to +125
°C
Vmax
Out Terminal Voltage (ICTRL, VS)
10
V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
UVLO to OVLO
V
Vter1
Out Terminal Voltage (ICTRL, VS)
0 to 9
V
Vter2
Out Terminal Voltage (UV, OV, OSC)
0 to 6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com