Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM108
Description  VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics TSM108 Datasheet HTML 11Page - STMicroelectronics TSM108 Datasheet HTML 12Page - STMicroelectronics TSM108 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSM108
9/13
9.1. Inductor
The minimum inductor value to choose should ap-
ply to
Lmin = (1 - D) R / 2F
where R = Vout / Iout = 9.6W
and where D = Vout / Vin = 0.5
Therefore, Lmin = 24µH.
The frequency may vary depending on the tem-
perature, due to the fact that the frequency is fixed
by an external capacitor. Therefore, we must cal-
culate the inductor value considering the worst
case condition in order to avoid the saturation of
the inductor, which is when the battery voltage is
at it's highest, and the switching frequency at it's
lowest. Thanks to the OVLO onboard function, the
operation of the DC/DC converter will be stopped
as soon as the voltage exceeds the OVLO level.
Let's suppose the OVLO pin has been left open,
therefore, the maximum input voltage of the DC/
DC converter will be Vin max. = 32V. Frequency
min stands in the range of 75kHz
In this case, D = 6 / 32 = 0.1875, therefore Lmin =
52µH.
If we allow a 25% security margin
Lmin = 68µH
9.2. Capacitor
The capacitor choice will depend mainly on the ac-
cepted voltage ripple on the output
Ripple = DVout / Vout = (1-D) / 8LCF²
Therefore, C = (1-D) / 8LRippleF². If C = 22µF,
then Ripple = 0.4% which should be far accept-
able.
Here again, the worst conditions for the ripple are
set when the input voltage is at the highest (32V)
and the frequency at it's lowest (75kHz).
with C = 22µF, Ripple = 1.2%
9.3. Ratings for the Inductor, Capacitor,
Transistor and Diode
The inductor wire must be rated at the rms current,
and the core should not saturate for peak inductor
current. The capacitor must be selected to limit the
output ripple to the design specifications, to with-
stand peak output voltage, and to carry the re-
quired rms current.
The transistor and the diode should be rated for
the maximum input voltage (up to 60V). The recir-
culation diode has to be a Schottky type for effi-
ciency maximization or ultrafast recovery.
A compromise between the switching and conduc-
tion losses of the external power element has to
be found.
Losses in the switch are:
Pswitch = Prise + Pfall + Pon
where Prise + Pfall represent the switching losses
and where Pon represents the conduction losses.
Prise + Pfall = Iout x Vin x (Trise + Tfall) x F / 2
Pon = Ron x Iout² x d
where Trise is the switching on time, and Tfall is
the switching off time, and where d is the duty cy-
cle of the switching profile, which can be approxi-
mated to 1 under full load conditions.
With the two last equations, we can see easily that
what we may gain by choosing a performing low
Rdson Pchannel MOSFET (for example) may be
jeopardised by the long on and off switching times
required when using a large input gate capaci-
tance.
10. Electromagnetic Compatibility
The small schematic hereafter shows how to re-
duce the EMC noise when used in an EMC sensi-
tive environment:
EMC Improvement
The RC components should realise a time con-
stant corresponding to one tenth of the switching
time constant of the TSM108 (i.e. in our example,
the oscillator frequency is set to 10µs correspond-
ing to 100kHz, therefore, the RC couple should re-
alise a time constant close to 1µs).
Choosing the components must privilege a rather
small resistivity (between 10 to 100W). A guess
couple of values for RC in our example would be:
R= 22W, C= 47nF
11. Efficiency Calculations (rough estimation)
The following gives a rough estimation of the effi-
ciency of a car phone charger, knowing that the
exact calculations depend on a lot of parameters,
as well as on a wide choice of external compo-
nents.
Let’s consider the following characteristics of a
classical car phone charger application:
❑ Vin = Vcc = 12V, Iout = 625mA, Vout = 6V
L1
GD
D1
TSM108
Q1
MOSFET P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com