Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 24Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33879
PACKAGING
PACKAGE DIMENSIONS
PACKAGING
PACKAGE DIMENSIONS
Important: For the most current revision of the package, visit www.freescale.com and perform a keyword search using the
“98A” drawing number listed below.
DWB SUFFIX
EK (Pb-FREE) SUFFIX
32-LEAD SOICW EXPOSED PAD
98ARL10543D
ISSUE C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com