Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33879
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic High-voltage Thresholds(9)
VIH
0.7 VDD
–
VDD + 0.3
V
Input Logic Low-voltage Thresholds(9)
VIL
GND - 0.3
–
0.2 VDD
V
IN5, IN6, EN Input Logic Current
IN5, IN6, EN = 0V
IIN5, IIN6, IEN
-10
–
10
μA
IN5, IN6 Pull-down Current
0.8 to 5.0V
IIN5, IIN6,
30
45
100
μA
EN Pull-down Current
EN = 5.0V
IEN
20
45
100
μA
SCLK, DI Input, Tri-state DO Output
0 to 5.0 V
ISCK, IDI, ITRI-
DO
-10
–
10
μA
CS Input Current
CS = VDD
ICS
-10
–
10
μA
CS Pull-up Current
CS = 0V
ICS
-30
–
-100
μA
CS Leakage Current to VDD
CS = 5.0V, VDD = 0V
ICS(LKG)
–
–
10
μA
DO High-state Output Voltage
IDO-HIGH = -1.6mA
VDOHIGH
VDD - 0.4
–
VDD
V
DO Low-state Output Voltage
IDO-LOW = 1.6mA
VDOLOW
–
–
0.4
V
Input Capacitance on SCLK, DI, Tri-state DO, IN5, IN6, EN(10)
CIN
–
–
20
pF
Notes
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
10.
This parameter is guaranteed by design; however, it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.5V, 5.5V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com