Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33879A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33879
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations (Optional Table)
Freescale Part No.
VPWR Supply Voltage
Reference Location
33879
-16 to 40V
6, 7, 13
33879A
-16 to 45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com