Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP8 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBP8
Description  LNB Supply and control voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBP8 Datasheet HTML 2Page - STMicroelectronics LNBP8 Datasheet HTML 3Page - STMicroelectronics LNBP8 Datasheet HTML 4Page - STMicroelectronics LNBP8 Datasheet HTML 5Page - STMicroelectronics LNBP8 Datasheet HTML 6Page - STMicroelectronics LNBP8 Datasheet HTML 7Page - STMicroelectronics LNBP8 Datasheet HTML 8Page - STMicroelectronics LNBP8 Datasheet HTML 9Page - STMicroelectronics LNBP8 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
LNBP8-LNBP9
6/13
4
Electrical characteristics
Table 4.
Electrical characteristics for LNBP Series (VCC1 = 16V, VCC2 = 22V, CI1 = CI2 = 0.22µF,
CO =0.1µF, Enable = H, Tone = L (LNBP9), EXTM floating (LNBP8), IO = 50mA,
TJ = 0 to 85°C unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC1
VCC Supply voltage input 1 IO = 500 mA, TONE = H, VSEL = L
15
25
V
VCC2
VCC Supply voltage input 2 IO = 500 mA, TONE = H, VSEL = H
22
25
V
VO
Output voltage
IO = 500 mA, VSEL = L
12.5
13
13.5
V
IO = 500 mA, VSEL = H
17.3
18
18.7
V
∆VO
Line regulation
VCC1 = 15 to 18V, VSEL = L
4
40
mV
VCC2 = 22 to 25V, VSEL = H
4
40
∆VO
Load regulation
VCC1 = VCC2 = 22V, IO = 50 to 500mA
VSEL = L or H
80
180
mV
IMAX
Output current limiting
500
800
mA
fTONE
Tone frequency
LNBP9 version, TONE = H
20
22
24
KHz
ATONE
Tone amplitude
LNBP9 version, TONE = H
0.55
0.72
0.9
V
DTONE
Tone duty cycle
LNBP9 version, TONE = H
40
50
60
%
tr, tf
Tone rise and fall time
LNBP9 version, TONE = H
5
10
15
µs
GEXTM
External modulation gain
LNBP8 version,
∆VO/∆VEXTM,
f = 10Hz to 40KHz
5
VEXTM
External modulation input
voltage
LNBP8 version, AC Coupling
400
mV
ZEXTM
External modulation
impedance
LNBP8 version, f = 10Hz to 40KHz
400
Ω
VIL
Control input logic LOW
ENABLE, TONE (LNBP9 version), VSEL
0.8
V
VIH
Control input logic HIGH
ENABLE, TONE (LNBP9 version), VSEL
2.5
V
IIH
Control pins input current
VIH = 5V, ENABLE, TONE (LNBP9
version), VSEL
20
µA
ICC
Supply current
Output disabled (ENABLE = L)
0.3
1
mA
Output enabled (ENABLE = H),
TONE = H, IO = 500mA
36
mA
TSHDN
Temperature shutdown
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com