Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBP8
Description  LNB Supply and control voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBP8 Datasheet HTML 5Page - STMicroelectronics LNBP8 Datasheet HTML 6Page - STMicroelectronics LNBP8 Datasheet HTML 7Page - STMicroelectronics LNBP8 Datasheet HTML 8Page - STMicroelectronics LNBP8 Datasheet HTML 9Page - STMicroelectronics LNBP8 Datasheet HTML 10Page - STMicroelectronics LNBP8 Datasheet HTML 11Page - STMicroelectronics LNBP8 Datasheet HTML 12Page - STMicroelectronics LNBP8 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
LNBP8-LNBP9
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.78
2.03
0.070
0.080
A2
0.03
0.13
0.001
0.005
C
0.25
0.010
C1
0.25
0.010
D
1.02
1.27
0.040
0.050
D1
7.87
8.13
0.310
0.320
F
0.63
0.79
0.025
0.031
G
1.27
0.050
G1
7.62
0.3
H1
5.59
0.220
H2
9.27
9.52
0.365
0.375
H3
8.89
9.14
0.350
0.360
L
10.41
10.67
0.410
0.420
L1
7.49
0.295
L2
8.89
9.14
0.350
0.360
M
0.79
1.04
0.031
0.041
N
0.25
0.010
V3˚
6˚
3˚
6˚
SPAK-7L MECHANICAL DATA
PO13F2/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com