Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LNBP8
Description  LNB Supply and control voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8 Datasheet(HTML) 3 Page - STMicroelectronics

  LNBP8 Datasheet HTML 1Page - STMicroelectronics LNBP8 Datasheet HTML 2Page - STMicroelectronics LNBP8 Datasheet HTML 3Page - STMicroelectronics LNBP8 Datasheet HTML 4Page - STMicroelectronics LNBP8 Datasheet HTML 5Page - STMicroelectronics LNBP8 Datasheet HTML 6Page - STMicroelectronics LNBP8 Datasheet HTML 7Page - STMicroelectronics LNBP8 Datasheet HTML 8Page - STMicroelectronics LNBP8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
LNBP8-LNBP9
Pin configuration
3/13
1
Pin configuration
Figure 1.
Pin connections (top view)
Table 1.
Pin descriptions
Pin N°
Name
function
1VCC1
Supply Input 1: 15V to 25V supply. It is automatically selected when VO = 13V
2VCC2
Supply Input 2: 22V to 25V supply. It is automatically selected when VO = 18V
3
OUTPUT
Regulator output. It is 13V typ. when VSEL LOW and 18V typ. when VSEL HIGH
4
GND
GROUND
5VSEL
Output Voltage Selection: Logic Control Input; if LOW VO = 13V, when HIGH VO = 18V
6
ENABLE
Logic Control Input; force LOW to put the IC in shutdown
7 (LNBP9)
TONE
Logic Control Input; force HIGH to activate the internal 22KHz tone
7 (LNBP8)
EXTM
External Modulation: Needs DC decoupling to the AC source. If not used can be left
floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com