Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03I Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCF03I
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 10Page - STMicroelectronics STCF03I Datasheet HTML 11Page - STMicroelectronics STCF03I Datasheet HTML 12Page - STMicroelectronics STCF03I Datasheet HTML 13Page - STMicroelectronics STCF03I Datasheet HTML 14Page - STMicroelectronics STCF03I Datasheet HTML 15Page - STMicroelectronics STCF03I Datasheet HTML 16Page - STMicroelectronics STCF03I Datasheet HTML 17Page - STMicroelectronics STCF03I Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Introduction
STCF03I
14/33
7.2.4
ADD pin
With this pin it is possible to select one of the 4 possible I²C slave addresses. No internal
pull-up nor pull-down is provided. The pin has to be connected to either GND, VI, SCL or
SDA to select the desired I²C slave address (see Table 7)
When ADD is connected to GND the I²C address is assigned automatically while in the
other three configurations in which ADD pin is connected to VBAT or SDA or SCL, the
following procedure must be activated in order that the right address is assigned.
After applying VBAT to the chip, the VBAT voltage must be pulled down to GND for a time
longer than 100 ms. After that time the right I²C address is assigned to the chip. This
procedure must be repeated every time the VBAT voltage is disconnected (see Figure 4
below).
7.2.5
TMSK pin
This pin can be used to implement the TX masking function. This function has effect only for
flash current settings higher than 200 mA (bit FDIM_3=1). Under this condition, when this
pin is pulled high by the µP, the current flowing in the LED is forced at 200 mA typ. No
internal pull-up nor pull-down is provided; to be externally wired to GND if TX masking
function is not used.
Table 7.
Address table
ADD pin
A7
A6
A5
A4
A3
A2
A1
A0
GND
011000
0
R/W
VBAT
011000
1
R/W
SDAL
011001
0
R/W
SCL
011001
1
R/W
Figure 4.
Procedure for assigning a non-default I²C address
SDA LINE
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
DEVICE
ADDRESS
7 bits
W
R
I
T
E
ADDRESS OF
REGISTER
DATA
….
SCL LINE
S
T
A
R
T
VBAT
100ms
Address is assigned.
The new I²C address
can be used for SCL
and SDA
SDA LINE
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
DEVICE
ADDRESS
7 bits
W
R
I
T
E
ADDRESS OF
REGISTER
DATA
….
SCL LINE
S
T
A
R
T
VBAT
100ms
Address is assigned.
The new I²C address
can be used for SCL
and SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com