Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03I Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCF03I
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 23Page - STMicroelectronics STCF03I Datasheet HTML 24Page - STMicroelectronics STCF03I Datasheet HTML 25Page - STMicroelectronics STCF03I Datasheet HTML 26Page - STMicroelectronics STCF03I Datasheet HTML 27Page - STMicroelectronics STCF03I Datasheet HTML 28Page - STMicroelectronics STCF03I Datasheet HTML 29Page - STMicroelectronics STCF03I Datasheet HTML 30Page - STMicroelectronics STCF03I Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Typical performance characteristics
STCF03I
27/33
10
Typical performance characteristics
Figure 15.
Flash current vs F_DIMM
Figure 16.
Torch current vs T_DIMM
Figure 17.
Aux current vs AUXI
Figure 18.
Flash current vs temp
Figure 19.
VFB2 flash vs temp
Figure 20.
IQ vs temp
0
100
200
300
400
500
600
700
800
900
0
123
456
7
8
9
10 11 12 13 14 15
step
0
100
200
300
400
500
600
700
800
900
0
123
456
7
8
9
10 11 12 13 14 15
step
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
1011 121314 15
step
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
1011 121314 15
step
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Step
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Step
800
805
810
815
820
825
830
835
840
845
850
-40°C
25°C
80°C
temp.
Flash current= 800mA
V
BAT=3.3V
800
805
810
815
820
825
830
835
840
845
850
-40°C
25°C
80°C
temp.
Flash current= 800mA
V
BAT=3.3V
220
225
230
235
240
245
250
-40°C
25°C
80°C
temp.
220
225
230
235
240
245
250
-40°C
25°C
80°C
temp.
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
-40°C
25°C
85°C
temp.
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
-40°C
25°C
85°C
temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com