Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03I Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCF03I
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 17Page - STMicroelectronics STCF03I Datasheet HTML 18Page - STMicroelectronics STCF03I Datasheet HTML 19Page - STMicroelectronics STCF03I Datasheet HTML 20Page - STMicroelectronics STCF03I Datasheet HTML 21Page - STMicroelectronics STCF03I Datasheet HTML 22Page - STMicroelectronics STCF03I Datasheet HTML 23Page - STMicroelectronics STCF03I Datasheet HTML 24Page - STMicroelectronics STCF03I Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Description of internal registers
STCF03I
21/33
8.5
FTIM_0~3
This 4-bits register defines the maximum flash duration. It is intended to limit the energy
dissipated by the LED to a maximum safe value or to leave to the STCF03I the control of the
flash duration during normal operation. Values from 0~15 correspond to 0~1.5 s (100 ms
steps). The timing accuracy is related to the internal oscillator frequency that clocks the
flash time counter (+/-20%, TBD). Entering flash mode (either by soft or hard triggering)
activates the flash time counter, which begins counting down from the value loaded in the
F_TIM register. When the counter reaches zero, flash mode is stopped by resetting
TRIG_EN bit, and simultaneously the ATN pin is set to true (LOW) to alert the µP that the
maximum time has been reached. FTIM value remains unaltered at the end of the count.
8.6
TDIM_0~3
These 4 bits define the LED current in torch mode with 16 values fitting an exponential law.
Max torch current value is 25% of max flash current. (Figure 13)
8.7
FDIM_0~3
These 4 bits define the LED current in flash mode with 16 values fitting an exponential law.
The max value of the current is set by the external resistors RFL and RTR. (Figure 13)
Note:
LED current values refer to RFL=0.27 Ω, RTR=1.8 Ω
Table 11.
Dimming register
DIM_REG
(write mode)
MSB
LSB
SUB ADD=01
TDIM_3
TDIM_2
TDIM_1
TDIM_0
FDIM_3
FDIM_2
FDIM_1
FDIM_0
Power ON,
SHUTDOWN MODE
RESET Value
0000
0000
Figure 13.
Flash and Torch current vs. dimming value
Current Step Coefficient - 1.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com