Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EPR2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PC34844EPR2
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EPR2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PC34844EPR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34844
TYPICAL PERFORMANCE CURVES (TA=25°C)
LOGIC COMMANDS AND REGISTERS
TYPICAL PERFORMANCE CURVES (TA=25°C)
Figure 5. Boost efficiency vs Input Voltage
Figure 6. Line Regulation, Vin Changing
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
10
12
14
16
18
20
22
24
26
28
30
Vin, volts
Fs = 600KHz
L=22uH, DCR=52mO
Schottky V12P10-E3/86A
COUT = 2x4.7µF, 2x2.2µF/100V
FPWM=600Hz, 100% duty
Load = 16 LEDs, 50mA/channel
VLED = 48V, ±1V /channel
50.00
50.05
50.10
50.15
50.20
50.25
50.30
50.35
50.40
50.45
50.50
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Vin, volts
Fs = 600KHz
L=22uH, DCR=52mO
Schottky V12P10-E3/86A
COUT = 2x4.7µF, 2x2.2µF/100V
FPWM=600Hz, 100% duty
Load = 16 LEDs, 50mA/channel
VLED = 48V, ±1V /channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com