Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EPR2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PC34844EPR2
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EPR2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PC34844EPR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
LAYOUT GUIDELINES
LAYOUT GUIDELINES
RECOMMENDED STACK-UP
The following table shows the recommended layer stack-
up for the signals to have good shielding and Thermal
Dissipation.
DECOUPLING CAPS
It is recommended to place decoupling caps of 100pf at
the beginning and at the end of any power signal traces to
filter high frequency noise.
Decoupling caps of 100pf should be also placed at the end
of any long trace to cancel antenna effects on it.
These caps should be located as closed as possible to the
point to be decoupled and the connection to GND should be
as short as possible.
SM_BUS/I2C COMMUNICATION AND CLOCK
SIGNALS (SDA, SCK AND CK)
To avoid contamination of these signals by nearby high
power or high frequency signals, it is a good practice to shield
them with ground planes placed on adjacent layers. Make
sure the ground plane is uniform through the whole signal
trace length.
Figure 19. Recommended shielding for critical signals.
These signals shall not run parallel to power signals or
other clock signals in the same routing layer. If they have to
cross or to be routed close to a power signal, it is a good
practice to trace them perpendicularly or at 45° on a different
layer to avoid coupling noise.
SWITCHING NODE (SWA & SWB)
The components associated to this node must be placed
as close as possible to each other to keep the switching loop
small enough so that it does not contaminate other signals.
However, care must be taken to ensure the copper traces
used to connect these components together on this node are
capable to handle the necessary current and voltage.
As a reference, a 10mils trace with a thickness of 1 oz of
copper is capable of handling one ampere.
Traces for connecting the inductor, input and output caps
should be as wide and short as possible to avoid adding
inductance or resistance to the loop. The placement of these
components should be selected far away from sensitive
signals like compensation, feedback and internal regulators
to avoid power noise coupling.
COMPENSATION COMPONENTS
Components related with COMP pin need to be placed as
close as possibThe trace of the feedback signal (VOUT)
should be routed perpendicularly or at 45° on a different layer
to avoid coupling noise, preferably between ground or power
planes.
FEEDBACK SIGNAL
The trace of the feedback signal (VOUT) should be routed
perpendicularly or at 45° on a different layer to avoid coupling
noise, preferably between ground or power planes.
Figure 20. Feedback Signal Tracing
Table 9. Layer Stacking Recommendations
Stack-Up
Layer 1 (Top)
Signal
Layer 2 (Inner 1)
Ground
Layer 3(Inner 2)
Signal
Layer 4 (Bottom)
Ground
Signal
Ground Plane
Ground Planes
Signal
DO
S
S
Sw
w
wiiitttc
cch
hhiiin
nng
gg N
N
No
ood
dde
ee
IIIn
nnp
ppu
uuttt C
C
Ca
aap
pp
O
O
O u
uutttp
ppu
uuttt C
C
Ca
aap
pp
On State
Off State
C
C
Co
oom
m
mp
ppe
een
nns
ssa
aatttiiio
oon
nn
F
FFe
eee
eed
ddb
bba
aac
cc k
kk
S
SSiiig
ggn
nna
aalll



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com