Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EPR2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PC34844EPR2
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EPR2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PC34844EPR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc PC34844EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
The optical and temperature control loop can be disabled
by I2C setting bits (PINEN & NINEN), or by tying PIN and NIN
pins high (>2.2V) it is called Vset mode, and the LED Driver
maximum current is set to 50mA by using a 5.1k resistor at
the ISET pin.
Current on LED Channel (PIN mode)
Eqn. 3
Current on LED Channel (NIN mode)
Eqn. 4
Current on LED Channel (PIN+NIN mode)
Eqn. 5
LED FAILURE PROTECTION
Open LED Protection
If LED fails open in any of the LED strings, the voltage in
that channel will be pulled close to zero, which will cause the
channel to be disabled. As a result, the boost output voltage
will go to the OVP level and then come down to the regulation
level to continue powering the rest of the LED strings.
Short LED Protection
If an LED shorted in any of the LED strings, the device will
continue to operate without interruption. However, if the
shorted LED happens to be in the LED string with the highest
forward voltage, the dynamic headroom control circuit will
automatically regulate the output voltage with respect to the
new highest LED voltage. If more LEDs are shorted in the
same LED string, it may cause excessive power dissipation
in the channel which may cause the OTT circuit to trip which
will completely shutdown the device.
OVER-TEMPERATURE PROTECTION
The 34844 has an on-chip temperature sensor that
measures die temperature. If the IC temperature exceeds the
OTT threshold, the IC will turn off all power sources inside the
IC (LED drivers, boost and internal regulators) until the
temperature falls below the falling OTT threshold. Once it
comes back on, it will operate with the default configuration
(please refer to Table 7).
SERIAL INTERFACE CONTROL
The 34844 uses an I2C interface capable of operating in
standard (100kHz) or fast (400kHz) modes.
The A0/SEN pin can be used an address select pin to
allow more than 2 devices in the system. The A0/SEN pin
should be held low on all chips expect the one to be
addressed, where it is taken HIGH.
Current A
[]
VPIN Volts
[] ICH
×
RegisterValue
[]
()
RSET ohms
[]
----------------------------------------------------------------------------------------------------------
=
Current A
[]
2.048 VNIN
–
() Volts
[]xICH RegisterValue
[]
()
RSET ohms
[]
-----------------------------------------------------------------------------------------------------------------------------------
=
Current A
[]
2.048 VNIN
–
VPIN
+
() Volts
[]xICH RegisterValue
[]
()
RSET ohms
[]
---------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com