Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L40U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L40U
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L40U Datasheet HTML 1Page - STMicroelectronics STPS2L40U Datasheet HTML 2Page - STMicroelectronics STPS2L40U Datasheet HTML 3Page - STMicroelectronics STPS2L40U Datasheet HTML 4Page - STMicroelectronics STPS2L40U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS2L40U
®
July 2003 - Ed: 2A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
2A
VRRM
40 V
Tj (max)
150 °C
VF (max)
0.34 V
MAIN PRODUCT CHARACTERISTICS
n
VERY SMALL CONDUCTION LOSSES
n
NEGLIGIBLE SWITCHING LOSSES
n
LOW FORWARD VOLTAGE DROP
n
SURFACE MOUNT MINIATURE PACKAGE
n
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Single chip Schottky rectifiers suited to Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMB, this device is especially
intended for surface mounting and used in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
DESCRIPTION
SMB
(JEDEC DO-214AA)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS)
RMS forward current
8
A
IF(AV)
Average forward current
TL = 130°C
δ = 0.5
2
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
2200
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - STPS2L40U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L40U STMICROELECTRONICS-STPS2L40U Datasheet
105Kb / 8P
Low drop power Schottky rectifier
31-Jan-2007
STPS2L40U STMICROELECTRONICS-STPS2L40U Datasheet
143Kb / 10P
Low drop power Schottky rectifier
18-Sep-2008
STPS2L40U STMICROELECTRONICS-STPS2L40U Datasheet
390Kb / 17P
40 V, 2 A low drop power Schottky rectifier
27-Sep-2019
STPS2L40UF STMICROELECTRONICS-STPS2L40UF Datasheet
105Kb / 8P
Low drop power Schottky rectifier
31-Jan-2007
STPS2L40UF STMICROELECTRONICS-STPS2L40UF Datasheet
143Kb / 10P
Low drop power Schottky rectifier
18-Sep-2008
More results

Similar Description - STPS2L40U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com