Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L40U Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2L40U
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40U Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2L40U Datasheet HTML 1Page - STMicroelectronics STPS2L40U Datasheet HTML 2Page - STMicroelectronics STPS2L40U Datasheet HTML 3Page - STMicroelectronics STPS2L40U Datasheet HTML 4Page - STMicroelectronics STPS2L40U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS2L40U
2/5
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead
SMB
20
°C/W
THERMAL RESISTANCES
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =40V
220
µA
Tj = 100°C
20
mA
Tj = 125°C
38
80
mA
VF *
Forward voltage drop
Tj = 25°C
IF = 1 A
0.39
V
Tj = 125°C
0.25
0.28
Tj = 25°C
IF = 2 A
0.43
Tj = 125°C
0.31
0.34
Tj = 25°C
IF = 4 A
0.5
V
Tj = 125°C
0.39
0.45
Pulse test:*tp= 380µs,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
To evaluate the maximum conduction losses use the following equation :
P=0.22xIF(AV) + 0.06 IF
2
(RMS)
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
0.0
0.2
0.4
0.6
0.8
1.0
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Tamb(°C)
IF(av)(A)
Rth(j-a)=Rth(j-l)
Rth(j-a)=100°C/W
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com