Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L40U Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L40U
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40U Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L40U Datasheet HTML 1Page - STMicroelectronics STPS2L40U Datasheet HTML 2Page - STMicroelectronics STPS2L40U Datasheet HTML 3Page - STMicroelectronics STPS2L40U Datasheet HTML 4Page - STMicroelectronics STPS2L40U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS1L40A/U
4/5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness
s(Cu) = 35µm)
0
50
100 150 200 250 300 350 400 450 500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VFM(mV)
IFM(A)
Tj=25°C
Tj=125°C
(typical values)
Tj=125°C
Fig. 9-2: Forward voltage drop versus forward
current (maximum values, low level).
10.00
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700
0.01
0.10
1.00
VFM(mV)
IFM(A)
Tj=125°C
Tj=125°C
(typical
values)
Tj=25°C
Fig. 9-1: Forward voltage drop versus forward
current (maximum values, high level).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com