Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L60CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L60CW
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L60CW Datasheet HTML 1Page - STMicroelectronics STPS30L60CW Datasheet HTML 2Page - STMicroelectronics STPS30L60CW Datasheet HTML 3Page - STMicroelectronics STPS30L60CW Datasheet HTML 4Page - STMicroelectronics STPS30L60CW Datasheet HTML 5Page - STMicroelectronics STPS30L60CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPS30L60CW/CT/CG/CR
July 2003 - Ed: 3B
POWER SCHOTTKY RECTIFIER
®
Dual center tap Schottky rectifiers suited for
Switched
Mode
Power
Supplies
and
high
frequency DC to DC converters. Packaged in
TO-220, D
2PAK, I2PAK and TO-247 this device is
intended for use in high frequency inverters.
DESCRIPTION
s
NEGLIGIBLE SWITCHING LOSSES
s
LOW FORWARD VOLTAGE DROP
s
LOW THERMAL RESISTANCE
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 130°C
δ = 0.5
Per diode
Per device
15
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
230
A
IRRM
Repetitive peak reverse current
tp=2 µs square F=1kHz
2A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
7800
W
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2x15A
VRRM
60 V
Tj (max)
150°C
VF (max)
0.56 V
MAIN PRODUCT CHARACTERISTICS
A1
K
A2
TO-247
STPS30L60CW
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink
A1
K
A2
A1
A2
K
TO-220AB
STPS30L60CT
A1
A2
K
D
2PAK
STPS30L60CG
A1
A2
K
I
2PAK
STPS30L60CR


Similar Part No. - STPS30L60CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
167Kb / 11P
Power Schottky rectifier
31-Mar-2007
logo
Vishay Siliconix
STPS30L60CW VISHAY-STPS30L60CW Datasheet
106Kb / 6P
Schottky Rectifier, 2 x 15 A
18-Jun-08
STPS30L60CW VISHAY-STPS30L60CW Datasheet
109Kb / 6P
Schottky Rectifier, 2 x 15 A
01-Sep-08
logo
International Rectifier
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
logo
STMicroelectronics
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
213Kb / 13P
Power Schottky rectifier
15-Jun-2012
More results

Similar Description - STPS30L60CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com