Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF12NM50N
Description  N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STF12NM50N Datasheet HTML 1Page - STMicroelectronics STF12NM50N Datasheet HTML 2Page - STMicroelectronics STF12NM50N Datasheet HTML 3Page - STMicroelectronics STF12NM50N Datasheet HTML 4Page - STMicroelectronics STF12NM50N Datasheet HTML 5Page - STMicroelectronics STF12NM50N Datasheet HTML 6Page - STMicroelectronics STF12NM50N Datasheet HTML 7Page - STMicroelectronics STF12NM50N Datasheet HTML 8Page - STMicroelectronics STF12NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2008
Rev 8
1/19
19
STB12NM50N,STD12NM50N,STI12NM50N
STF12NM50N, STP12NM50N
N-channel 500 V, 0.29
Ω, 11 A MDmesh™ II Power MOSFET
TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This series of devices is realized with the second
generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STB12NM50N
550 V
0.38
Ω
11 A
STD12NM50N
550 V
0.38
Ω
11 A
STI12NM50N
550 V
0.38
Ω
11 A
STF12NM50N
550 V
0.38
Ω
11 A (1)
STP12NM50N
550 V
0.38
Ω
11 A
TO-220
DPAK
D²PAK
1
3
1
2
3
TO-220FP
1
3
1
2
3
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB12NM50N
B12NM50N
D²PAK
Tape and reel
STD12NM50N
D12NM50N
DPAK
Tape and reel
STI12NM50N
I12NM50N
I²PAK
Tube
STF12NM50N
F12NM50N
TO-220FP
Tube
STP12NM50N
P12NM50N
TO-220
Tube
www.st.com


Similar Part No. - STF12NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF12NM50N STMICROELECTRONICS-STF12NM50N Datasheet
510Kb / 18P
N-channel 500V - 0.29Ω - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh™Power MOSFET
14-Nov-2006
STF12NM50ND STMICROELECTRONICS-STF12NM50ND Datasheet
1Mb / 16P
N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
10-Jun-2009
logo
Inchange Semiconductor ...
STF12NM50ND ISC-STF12NM50ND Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STF12NM50ND VBSEMI-STF12NM50ND Datasheet
1Mb / 8P
Power MOSFET
More results

Similar Description - STF12NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
N-channel 500 V - 0.21 Ω - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
04-Mar-2008
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
N-channel 500 V - 0.250 Ω - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
04-Mar-2008
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
N-channel 650 V, 0.33 Ω, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
14-Oct-2008
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
11-Jun-2008
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
03-Mar-2009
STD10NM50N STMICROELECTRONICS-STD10NM50N Datasheet
1Mb / 18P
N-channel 500 V, 0.53 Ω, 7 A DPAK, TO-220FP, TO-220 MDmesh™II Power MOSFET
26-Oct-2011
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
23-Sep-2008
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
N-channel 600 V, 0.85 Ω, 4.6 A MDmesh™ II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com