Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NM50N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF12NM50N
Description  N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NM50N Datasheet(HTML) 4 Page - STMicroelectronics

  STF12NM50N Datasheet HTML 1Page - STMicroelectronics STF12NM50N Datasheet HTML 2Page - STMicroelectronics STF12NM50N Datasheet HTML 3Page - STMicroelectronics STF12NM50N Datasheet HTML 4Page - STMicroelectronics STF12NM50N Datasheet HTML 5Page - STMicroelectronics STF12NM50N Datasheet HTML 6Page - STMicroelectronics STF12NM50N Datasheet HTML 7Page - STMicroelectronics STF12NM50N Datasheet HTML 8Page - STMicroelectronics STF12NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STB12NM50N - STD12NM50N - STI/F12NM50N - STP12NM50N
4/19
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
500
V
dv/dt(1)
1.
Characteristic value at turn off inductive load
Peak diode recovery voltage
slope
VDD=400 V, ID=11 A,
VGS=10 V
44
V/ns
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = max rating,
VDS = max rating@125 °C
1
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
23
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 5.5 A
0.29
0.38
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
gfs
(1)
1.
Pulsed: pulse duration=300 µs, duty cycle 1.5%
Forward transconductance
VDS =15 V, ID = 5.5 A
8S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =50 V, f=1 MHz,
VGS=0
940
100
10
pF
pF
pF
Coss eq
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS=0, VDS =0 to 400 V
130
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=400 V, ID = 11 A
VGS =10 V
(see Figure 17)
30
6
15
nC
nC
nC
Rg
Gate input resistance
f=1 MHz Gate DC Bias=0
test signal level=20 mV
open drain
4.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com