Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12NM50N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STF12NM50N
Description  N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NM50N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STF12NM50N Datasheet HTML 11Page - STMicroelectronics STF12NM50N Datasheet HTML 12Page - STMicroelectronics STF12NM50N Datasheet HTML 13Page - STMicroelectronics STF12NM50N Datasheet HTML 14Page - STMicroelectronics STF12NM50N Datasheet HTML 15Page - STMicroelectronics STF12NM50N Datasheet HTML 16Page - STMicroelectronics STF12NM50N Datasheet HTML 17Page - STMicroelectronics STF12NM50N Datasheet HTML 18Page - STMicroelectronics STF12NM50N Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STB12NM50N - STD12NM50N - STI/F12NM50N - STP12NM50N
18/19
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
24-May-2005
1
Initial release
10-Jun-2005
2
Inserted new row in
Table 7.: Switching times
28-Sep-2005
3
Document status promoted from preliminary data to datasheet.
14-Oct-2005
4
Modified
Figure 6, Figure 9
06-Mar-2006
5
Modified
Figure 8
29-Mar-2006
6
Modified value on
Table 5.
14-Nov-2006
7
Document reformatted no content change
24-Jul-2008
8
– Added I²PAK;
–
Table 3: Thermal data has been updated;
–
Figure 11: Capacitance variations changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com