Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L60S
Description  POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60S Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L60S Datasheet HTML 1Page - STMicroelectronics STPS3L60S Datasheet HTML 2Page - STMicroelectronics STPS3L60S Datasheet HTML 3Page - STMicroelectronics STPS3L60S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR = VRRM
55
µA
Tj = 125
°C
10
15
mA
VF *
Forward voltage drop
Tj = 25
°CIF = 3 A
0.7
V
Tj = 125
°CIF = 3 A
0.56
0.65
Tj = 25
°CIF = 6 A
0.94
Tj = 125
°CIF = 6 A
0.67
0.76
Pulse test : * tp = 380
µs, δ < 2%
To evaluate the conduction losses use the following equation :
P = 0.54 x IF(AV) + 0.037 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
THERMAL RESISTANCES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
PF(av)(W)
T
δ=tp/T
tp
IF(av) (A)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(av)(A)
T
δ=tp/T
tp
Rth(j-a)=75°C/W
Rth(j-a)=Rth(j-l)
Tamb(°C)
Fig. 2: Average forward current versus ambient
temperature(
δ = 0.5).
1E-3
1E-2
1E-1
1E+0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Zth(j-l)/Rth(j-l)
tp(s)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 4: Relative variation of thermal impedance
junction to lead versus pulse duration.
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
12
14
IM(A)
t(s)
IM
t
δ=0.5
Tc=25°C
Tc=100°C
Tc=50°C
Fig. 3: Non repetitive surge peak forward
current versus overload duration (maximum
values).
STPS3L60S
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com