Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L60S
Description  POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60S Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L60S Datasheet HTML 1Page - STMicroelectronics STPS3L60S Datasheet HTML 2Page - STMicroelectronics STPS3L60S Datasheet HTML 3Page - STMicroelectronics STPS3L60S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STPS3L60S
July 1999 - Ed: 1A
POWER SCHOTTKY RECTIFIER
®
Schottky rectifier suited for Switched Mode Power
Supplies and high frequency DC to DC converters.
Packaged in SMC, this device is intended for use in
DC/DC chargers.
DESCRIPTION
NEGLIGIBLE SWITCHING LOSSES
LOW THERMAL RESISTANCE
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
Tc = 100
°C δ = 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp=2
µs square F=1kHz
1A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
IF(AV)
3 A
VRRM
60 V
Tj (max)
150°C
VF (max)
0.65 V
MAIN PRODUCT CHARACTERISTICS
SMC
(JEDEC DO-214AB)
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/4


Similar Part No. - STPS3L60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L60S STMICROELECTRONICS-STPS3L60S Datasheet
199Kb / 9P
60 V power Schottky rectifier
13-Nov-2018
STPS3L60SY STMICROELECTRONICS-STPS3L60SY Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS3L60S STMICROELECTRONICS-STPS3L60S_V01 Datasheet
199Kb / 9P
60 V power Schottky rectifier
13-Nov-2018
More results

Similar Description - STPS3L60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com