Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60S Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L60S
Description  POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60S Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L60S Datasheet HTML 1Page - STMicroelectronics STPS3L60S Datasheet HTML 2Page - STMicroelectronics STPS3L60S Datasheet HTML 3Page - STMicroelectronics STPS3L60S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
5
10 15 20 25 30 35 40 45 50 55 60
1E-3
1E-2
1E-1
1E+0
1E+1
5E+1
IR(mA)
VR(V)
Tc=25°C
Tc=75°C
Tc=100°C
Tc=125°C
Tc=150°C
Tc=50°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IFM(A)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)
VFM(V)
Fig. 7-1: Forward voltage drop versus forward
current (low level, maximum values).
1
10
100
10
20
50
100
200
500
C(pF)
F=1MHz
Tj=25°C
VR(V)
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
2
5
10
20
IFM(A)
VFM(V)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)
Fig. 7-2: Forward voltage drop versus forward
current (high level, maximum values).
012345
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 8: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness:
35mm)
STPS3L60S
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com