Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2301 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2301
Description  800mA Step-Down DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2301 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2301 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
Efficiency up to 96%
Only 40μA(TYP.) Quiescent Current
Output Current: Up to 800mA
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
5-pin Small SOT23-5 Package
Cellular Phone
Portable Electronics
Wireless Devices
Cordless Phone
Computer Peripherals
Battery Powered Widgets
Electronic Scales
Digital Frame
The PAM2301 is a step-down current-mode, DC-
DC converter. At heavy load, the constant-
frequency PWM control performs excellent
stability and transient response. To ensure the
longest battery life in portable applications, the
PAM2301 provides a power-saving Pulse-
Skipping Modulation (PSM) mode to reduce
quiescent current under light load operation to
save power.
The PAM2301 supports a range of input voltages
from 2.5V to 5.5V, allowing the use of a single
Li+/Li-polymer cell, multiple Alkaline/NiMH cell,
USB, and other standard power sources. The
output voltage is adjustable from 0.6V to the input
voltage, while the part number suffix PAM2301-
XX indicates pre-set output voltage of 3.3V, 2.8V,
2.5V, 1.8V, 1.5V, 1.2V or adjustable. All versions
employ internal power switch and synchronous
rectifierfor to minimize external part count and
realize high efficiency. During shutdown, the input
is disconnected from the output and the shutdown
current is less than 0.1 A. Other key features
include under-voltage lockout to prevent deep
battery discharge.
The PAM2301 is available in SOT23-5 package.
Pb-Free Package
n
n
n
n
n
n
n
n
μ
Typical Application
VIN
SW
EN VOUT
GND
4 7μH
.
Vo
Co
10μF
3
5
V
C
10μF
IN
IN
4
1
2
1
www.poweranalog.com
VIN
SW
EN
FB
GND
4 7μH
.
Vo
Co
10μF
3
5
V
C
IN
IN
10μF
4
1
2
20pF
R1
R2
PAM2301
800mA Step-Down DC-DC Converters
Fixed Output Voltage
Adjustable Output Voltage
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
1
0.6 1
2
O
R
V
R
æö
=´ +
ç÷
èø


Similar Part No. - PAM2301

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
STEP-DOWN DC-DC CONVERTER
Rev 3
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301CAAB120 DIODES-PAM2301CAAB120 Datasheet
1Mb / 13P
STEP-DOWN DC-DC CONVERTER
Rev 3
logo
KODENSHI_AUK CORP.
PAM2301CAAB330 KODENSHI-PAM2301CAAB330 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1927 MAXIM-MAX1927 Datasheet
303Kb / 12P
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Rev 0; 7/02
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com