Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2301 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2301
Description  800mA Step-Down DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2301 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2301
800mA Step-Down DC-DC Converters
09/2008 Rev 1.3
100% Duty Cycle Operation
UVLO and Soft-Start
Short Circuit Protection
Thermal Shutdown
PCB Layout Check List
As the input voltage approaches the output
voltage, the converter turns the P-chan nel
transistor continuously on. In this mode the
output voltage is equal to the input voltage minus
the voltage drop across the P - channel
transistor:
V= V – I
× (R
+ R )
where R
= P-channel switch ON resistance,
I
= Output current, R
= I nductor D C
resistance
The reference and the circuit remain reset until
the VIN crosses its UVLO threshold.
The PAM2301 has an internal soft-start circuit
that limits the in-rush current during start-up.
This prevents possible voltage drops of the input
voltage and eliminates the output voltage
overshoot. The soft-start acts as a digital circuit
to increase the switch current in several steps to
the P-channel current limit (1500mA).
The switch peak current is limited cycle-by-cycle
to a typical value of 1500mA. In the event of an
output voltage short circuit, the device operates
with a frequency of 400kHz and minimum duty
cycle, therefore the average input current is
typically 200mA.
When the die temperature exceeds 150°C, a
reset occurs and the reset remains until the
temperature decrease to 120°C, at which time
the circuit can be restarted.
When laying out the printed circuit board, the
following checklist should be used to ensure
proper operation of the PAM2301. These items
are also illustrated graphically in Figure 1. Check
the following in your layout:
1.
The power traces, consisting of the GND
trace, the SW trace and the VIN trace should be
kept short, direct and wide.
2.
Does the V
pin connect directly to the
feedback resistors? The resistive divider R1/R2
must be con nected between the (+) plate of C
and ground.
3.
Does the (+) plate of CIN connect to VIN as
closely as possible? This capacitor provides the
AC current to the internal power MOSFETs.
4.
Keep the switching node, SW, away from the
sensitive VFB node.
5.
Keep the (–) plates of C
and C
as close
as possible.
OUT
IN
LOAD
dson
L
dson
LOAD
L
FB
OUT
IN
OUT
Figure 1 :PAM2301 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com