Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2301 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2301
Description  800mA Step-Down DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2301 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2301 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
Application Information
The basic PAM2301 application circuit is shown
in Page 1. External component selection is
determined by the load requirement, selecting L
first and then Cin and Cout.
For most applications, the value of the inductor
will fall in the range of 1μH to 4.7μH. Its value is
chosen based on the desired ripple current.
Large value inductors lower ripple current and
small value inductors result in higher ripple
currents. Higher V
or Vout also increases the
ripple current as shown in equation 1. A
reasonable starting point for setting ripple
current is
I = 320mA (40% of 800mA).
(1)
The DC current rating of the inductor should be
at least equal to the maximum load current plus
half the ripple current to prevent core saturation.
Thus, a 1120mA rated inductor should be enough
for most applications (800mA + 320mA). For
better efficiency, choose a low DC-resis tance
inductor.
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle
Vout/Vin. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum
RMS current must be used. The maximum RMS
capacitor current is given by:
This formula has a maximum at VIN =2Vout,
where I
=Iout/2. T his simple worst-case
condition is com monly used for design because
even significant deviations do not offer much
relief. Note that the capacitor manufacturer's
ripple current ratings are often based on 2000
hours of life. This makes it advisable to further
derate the capacitor, or choose a capacitor rated
at a higher temperature than required. Consult
the manufac turer if there is any question.
The selection of Cout is driven by the required
effective series resistance (ESR).
Typically, once the ESR requirement for Cout
has been met, the RMS current rating generally
far exceeds the I
(P-P) requirement. The
output ripple
Vout is determined by:
Where f = operating frequency, C
=output
capacitance and
I
= ripple current in the
inductor. For a fixed output voltage, the output
ripple is highest at maximum input voltage since
I increases with input voltage.
Higher values, lower cost ceramic capacitors are
now becoming available in smaller case sizes.
Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator
applications. Using ceramic capacitors can
achieve very low output ripple and small circuit
size.
When choosing the input and output ceramic
capacitors, choose the X5R or X7R dielectric
formulations. These dielectrics have the best
temperature and voltage charac teristics of all
the ceramics for a given value and size.
The internal reference is 0.6V (Typical). The
output voltage is calculated as below:
The output voltage is given by
Resistor selection for output voltage
setting
Inductor Selection
C and Cout Selection
Using Ceramic Input and Output Capacitors
Setting the Output Voltage
Table 1:
IN
L
RMS
RIPPLE
OUT
L
L
△
△
IN
Δ
Δ
Table 1.
()( )
æö
D
ç÷
èø
OUT
OUT
L
IN
1V
I=
V
1-
fL
V
()
1
2
OUT
IN
OUT
IN
RMS
OMAX
IN
VV
V
C required I
I
V
-
éù
ëû
@
OUT
L
OUT
1
VI ESR+
8fC
æö
@
ç÷
èø
VV
PAM2301
800mA Step-Down DC-DC Converters
09/2008 Rev 1.3
Vo
R1
R2
1.2V
100k
100k
1.5V
150k
100k
1.8V
200k
100k
2.5V
380k
120k
3.3V
540k
120k
1
0.6 1
2
O
R
V
R
æö
=´ +
ç÷
èø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com