Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810LED2A Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2810LED2A
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810LED2A Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2810LED2A Datasheet HTML 1Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
,
Power Analog Microelectronics Inc
2
www.poweranalog.com
Typical Application Circuit
Block Diagram
PAM2810
4-Channel Programmable LED Current Sink
08/2008 Rev 1.1
PAM2810
LED1
8
LED2
7
LED3
6
LED4
5
GND
3
ISET
1
EN
2
VIN
4
C1
0.1μF
R1
6.2k Ω
NC
VIN
PAM2810
LED1
8
LED2
7
LED3
6
LED4
5
GND
3
ISET
1
EN
2
VIN
4
C1
0.1μF
R1
6.2kΩ
VBAT
VIN
LED1
LED2
LED3
LED4
VIN
C
0.1 F
IN
μ
Current
Sinks
GND
EN
ISET
Current
Setting
RSET
1.22V Ref
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com