Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810LED2A Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2810LED2A
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810LED2A Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2810LED2A Datasheet HTML 1Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Typical Application Circuit
,
Power Analog Microelectronics Inc
Features
Applications
n
n
n
White LED for LCD Display Backlights
White LED Keypad Backlights
1-Cell Li-Ion Battery-operated Equipment
Including PDAs, Hand-held PCs, Cellular
Phone
Description
The PAM2810 provides 4 regulated current sinks,
capable of sinking up to 40mA current to
accommodate 4 white LEDs. It requires no charge
pump, has no noise and EMI, and significantly
improves the efficiency in Li bettery range.
LED brightness can be controlled by PWM
techniques. The constant current sink is set with
an external sense resistor.
Alternatively, a PWM signal applied to the EN pin
can vary the anticipated brightness of the LED.
The device is in shut down mode when the EN
input is logic low.
The
is available in SOT23-8 and
PAM2810
n
n
n
n
n
n
n
n
Cost Effective LED Driver
Support up to 4 White LEDs
Output Current up to 40mA per LED
Low Dropout Voltage
Ultra Low Quiescent Supply Current:
65 A (typ)
No Noise and EMI
Shutdown Current Less than 1 A
Over Temperature Protection
Small Packages : SOT23-8 and DFN
2mmx2mm
Pb-free Package
DFN
mmX2mm Packages.
μ
μ
n
n
2
1
www.poweranalog.com
PAM2810
4-Channel Programmable LED Current Sink
08/2008 Rev 1.1
PAM2810
LED1 8
LED2 7
LED3
6
LED4
5
GND
3
ISET
1
EN
2
VIN
4
C1
0.1μF
R1
6.2k
VIN


Similar Part No. - PAM2810LED2A

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2811 PAM-PAM2811 Datasheet
229Kb / 12P
4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PAM2811AJER PAM-PAM2811AJER Datasheet
229Kb / 12P
4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PAM2811BJER PAM-PAM2811BJER Datasheet
229Kb / 12P
4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PAM2811CSCR PAM-PAM2811CSCR Datasheet
229Kb / 12P
4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PAM2811DACR PAM-PAM2811DACR Datasheet
229Kb / 12P
4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
More results

Similar Description - PAM2810LED2A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1991 MICROSEMI-LX1991 Datasheet
277Kb / 9P
Six Output Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
Dual Programmable LED Current Sink
logo
Texas Instruments
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990_05 Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
BCD Semiconductor Manuf...
AP3606,7 BCDSEMI-AP3606,7_10 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com