Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810LED2A Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2810LED2A
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810LED2A Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2810LED2A Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 9Page - Power Analog Micoelectronics PAM2810LED2A Datasheet HTML 10Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LED1
LED2
LED3
LED4
VIN
EN
GND
ISET
Cin
01 F
. μ
Rset
Figure 2
One Parallel Connected LED
.
LED1
LED2
LED3
LED4
VIN
EN
GND
ISET
Cin
01 F
. μ
Rset
Figure 1
Two Parallel Connected LEDs
.
,
Power Analog Microelectronics Inc
7
www.poweranalog.com
Parallel LEDx Outputs for Increased Current
Drive
Power Dissipation
Input Capacitor Selection
Output pins LED1 to LED4 may be connected
together in any combination to sink higher current
through fewer LEDs. For example in Figure 1,
outputs LED1 and LED2 are connected together
to drive one LED while LED3 and LED4 are
connected together to drive a second LED.
With this configuration, two parallel current sinks
of equal value both provide current to each LED.
If the current sink provides 10mA each, every LED
can be drived with 20mA and gets double
brightness. Other combinations of parallel
outputs can be implemented similarly, such as in
Figure 2.
Connecting outputs in parallel does not affect
internal operation of the PAM2810 and has no
impact on the electrical characteristics.
If less than four LEDs connected, the left pin can
be floating or connected to GND, as shown in
Typical Application Circuit on page 2.Connecting
to GND is recommended. The current calculating
method is the same as the RSET equation
mentioned.
The maximum allowable power dissipation that
the package is capable of handling can be
determined as follows:
P= (T
- T ) /
Where T
is the maximum junction temperature,
T
is the ambient temperature, and
is the
junction-to-ambient thermal resistance of the
specified package. The DFN 2x2 package has a
of 80°C/W and the SOT23-8 250°C/W. This
value of
is highly dependant upon the layout of
the PCB. The actual power dissipated by the
PAM2810 follows the equation:
P
=(V *I )-N(V
*I
)
Where N equals the number of active outputs,
V
is the LED forward voltage, and I
is the
current supplied to the LEDx.
The PAM2810 is designed to work under a stable
input voltage. To ensure the stability of input, it
may be necessary to add a small input capacitor
to help filter out any noise that probably appears
on the line. Surface-mount multi-layer ceramic
capacitors are recommended, which are small
and inexpensive. A capacitance of 0.1 F is
typically sufficient.
DMAX
JMAX
A
JA
JMAX
A
JA
JA
JA
DISS
IN
IN
DIODE
LEDX
DIODE
LEDX
θ
θ
θ
θ
μ
PAM2810
4-Channel Programmable LED Current Sink
07/2008 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com