Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # S5H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S5H100 Datasheet(HTML) 1 Page - STMicroelectronics

  S5H100 Datasheet HTML 1Page - STMicroelectronics S5H100 Datasheet HTML 2Page - STMicroelectronics S5H100 Datasheet HTML 3Page - STMicroelectronics S5H100 Datasheet HTML 4Page - STMicroelectronics S5H100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
1/5
Table 1: Main Product Characteristics
IF(AV)
5 A
VRRM
100 V
Tj
175°C
VF(max)
0.61 V
STPS5H100
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
REV. 8
Table 3: Absolute Maximum (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward voltage
10
A
IF(AV)
Average forward current
Tc = 165°C
δ = 0.5
5
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2µs F = 1KHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100µs square
2
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
7200
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
A
NC
K
DPAK
February 2006
FEATURES AND BENEFITS
■ Negligible switching losses
■ High junction temperature capability
■ Low leakage current
■ Good trade off between leakage current and
forward voltage drop
■ Avalanche specification
DESCRIPTION
High voltage Schottky barrier rectifier designed for
high frequency miniature Switched Mode Power
Supplies such as adaptators and on board DC to
DC converters.
Table 2: Order Codes
Part Number
Marking
STPS5H100B
S5H100
STPS5H100B-TR
S5H100


Similar Part No. - S5H100

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
Channel Decoder for DVB-S/DSS
S5H1420X01 SAMSUNG-S5H1420X01 Datasheet
849Kb / 31P
Channel Decoder for DVB-S/DSS
More results

Similar Description - S5H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com