Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5H100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # S5H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S5H100 Datasheet(HTML) 2 Page - STMicroelectronics

  S5H100 Datasheet HTML 1Page - STMicroelectronics S5H100 Datasheet HTML 2Page - STMicroelectronics S5H100 Datasheet HTML 3Page - STMicroelectronics S5H100 Datasheet HTML 4Page - STMicroelectronics S5H100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS5H100
2/5
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.51 x IF(AV) + 0.02 IF
2
(RMS)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
3.5
µA
Tj = 125°C
1.3
4.5
mA
VF **
Forward voltage drop
Tj = 25°C
IF = 5A
0.73
V
Tj = 125°C
0.57
0.61
Tj = 25°C
IF = 10A
0.85
Tj = 125°C
0.66
0.71
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF(av) (A)
PF(av)(W)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ=tp/T
tp
0
20
40
60
80
100
120
140
160
180
0
1
2
3
4
5
6
Tamb(°C)
IF(av)(A)
Rth(j-a)=80°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com