Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # S5H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S5H100 Datasheet(HTML) 3 Page - STMicroelectronics

  S5H100 Datasheet HTML 1Page - STMicroelectronics S5H100 Datasheet HTML 2Page - STMicroelectronics S5H100 Datasheet HTML 3Page - STMicroelectronics S5H100 Datasheet HTML 4Page - STMicroelectronics S5H100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS5H100
3/5
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values)
Figure
6:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 7: Reverse leakage current versus
reverse voltage applied
Figure 8: Junction capacitance versus reverse
voltage applied (typical values)
Figure 9: Forward voltage drop versus forward
current (maximum values)
Figure 10: Thermal resistance junction to
ambient versus copper surface under tab
(Epoxy
printed
circuit
board,
copper
thickness: 35µm)
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
110
120
t(s)
IM(A)
Tc=75°C
Tc=50°C
Tc=125°C
IM
t
δ=0.5
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
T
δ=tp/T
tp
0
1020
3040
50
6070
8090 100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
1
10
100
10
100
1000
VR(V)
C(pF)
F=1MHz
Tj=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
50.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90
100
S(Cu) (cm²)
Rth(j-a) (°C/W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com