Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS307ARP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD151TS307ARP
Description  Spread Spectrum Clock for EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS307ARP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD151TS307ARP Datasheet HTML 1Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 2Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 3Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.4.00 Jul. 08, 2004 page 1 of 8
HD151TS307ARP
Spread Spectrum Clock for EMI Solution
REJ03D0022-0400Z
Rev.4.00
Jul. 08, 2004
Description
The HD151TS307ARP is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution.
Features
• Supports 10 MHz to 60 MHz operation. (Designed for XIN = 24 MHz and 48 MHz)
• 1 copy of clock out with spread spectrum modulation @3.3 V
• Programmable spread spectrum modulation (±0.25%, ±0.5%, ±1.5% central spread modulation and spread spectrum
disable mode.)
• SOP–8pin
Key Specifications
• Supply voltages : VDD = 3.3 V±0.165 V
• Ta = 0 to 70°C operating range
• Clock output duty cycle = 50±5%
• Cycle to cycle jitter = ±250 ps typ.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD151TS307ARPEL
SOP-8 pin (JEDEC)
FP-8DC
RP
EL (2,500 pcs / Reel)
Note:
Please consult the sales office for the above package availability.
Block Diagram
Synthesizer
Mode Control
1/n
OSC
SSC Modulator
VDD
NC
SSCCLKOUT
GND
SEL0
XIN
XOUT
SEL1
1/m
R=100 kΩ
R=1 MΩ
R=100 kΩ


Similar Part No. - HD151TS307ARP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
Clock Generator for Printer
logo
Renesas Technology Corp
HD151TS302ARP RENESAS-HD151TS302ARP Datasheet
79Kb / 12P
Spread Spectrum Clock for EMI Solution
HD151TS302ARPEL RENESAS-HD151TS302ARPEL Datasheet
79Kb / 12P
Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
Spread Spectrum Clock for EMI Solution
logo
Renesas Technology Corp
HD151TS302RP RENESAS-HD151TS302RP Datasheet
185Kb / 10P
Spread Spectrum Clock for EMI Solution
More results

Similar Description - HD151TS307ARP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
Spread Spectrum Clock for EMI Solution
HD151TS302RP RENESAS-HD151TS302RP_06 Datasheet
185Kb / 10P
Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com