Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS307ARP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD151TS307ARP
Description  Spread Spectrum Clock for EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS307ARP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD151TS307ARP Datasheet HTML 1Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 2Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 3Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD151TS307ARP
Rev.4.00 Jul. 08, 2004 page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VDD
–0.5 to 4.6
V
Input voltage
VI
–0.5 to 4.6
V
Output voltage
*1
VO
–0.5 to VDD+0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
–50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VDD
Maximum power dissipation
at Ta = 55°C (in still air)
0.7
W
Storage temperature
Tstg
–65 to +150
°C
Notes: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under “recommended operating conditions” is not implied. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VDD
3.135
3.3
3.465
V
DC input signal voltage
–0.3
—
VDD+0.3
V
High level input voltage
VIH
2.0
—
VDD+0.3
V
Low level input voltage
VIL
–0.3
—
0.8
V
Operating temperature
Ta
0—
70
°C
Input clock duty cycle
45
50
55
%
DC Electrical Characteristics
Ta = 0 to 70°C, VDD = 3.3 V±5%
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input low voltage
VIL
——
0.8
V
Input high voltage
VIH
2.0
—
—
V
——
±10
VI = 0 V or 3.465 V,
VDD = 3.465 V, XIN pin
Input current
II
——
±100
µA
VI = 0 V or 3.465 V, VDD = 3.465 V,
SEL0, SEL1 pins
Input slew rate
1
—
4
V / ns
20% – 80%
Input capacitance
CI
—
—
4
pF
SEL0, SEL1
Operating current
—
7
—
mA
XIN = 24 MHz, CL = 0 pF, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com