Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS307ARP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD151TS307ARP
Description  Spread Spectrum Clock for EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS307ARP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD151TS307ARP Datasheet HTML 1Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 2Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 3Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS307ARP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD151TS307ARP
Rev.4.00 Jul. 08, 2004 page 2 of 8
Pin Arrangement
(Top view)
8
VDD
1
7
SEL0
6
SSCCLKOUT
5
GND
XIN
2
XOUT
3
SEL1
4
NC
SSC Function Table
SEL1 :0
Spread Percentage
0 0
±0.5%
0 1
±1.5%
1 0
SSC OFF
1 1
±0.25%
Note:
±1.5% SSC is selected for default by internal pull-up & down resistors.
Clock Frequency Table
XIN(MHz)
SSCCLKOUT(MHz)
48
48
*1
24
24
*1
Notes: 1. With spread spectrum modulation.
Pin Descriptions
Pin name
No.
Type
Description
GND
5
Ground
GND pin
VDD
8
Power
Power supplies pin. Normally 3.3 V.
NC
4
NC
Don’t connect any signal or VDD or GND.
This pin is used for Renesas Test.
SSCCLKOUT
6
Output
Spread spectrum modulated clock output.
XIN
1
Input
Oscillator input.
XOUT
2
Output
Oscillator output.
SEL0
7
Input
SSC mode select pin. LVCMOS level input.
Pull-up by internal resistor (100 k
Ω).
SEL1
3
Input
SSC mode select pin. LVCMOS level input.
Pull–down by internal resistor (100 k
Ω).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com